PART |
Description |
Maker |
ST72104G1B6/XXX ST72215G2B7/XXX ST72254G1B6/XXX ST |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
|
STMicroelectronics 意法半导 http://
|
ST72C104G1M1 ST72C104G2M3 ST72C104G1M3 ST72C104G1M |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72C124J2B1 ST72C124J2B3 ST72C124J2B6 ST72C124J2B |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
|
STMICROELECTRONICS[STMicroelectronics]
|
ST72314N4B1 ST72314N4B3 ST72314N4B7 ST72314N4T1 ST |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
|
ST Microelectronics
|
C486FD18 C486FD17 C486FD19 C484CD56 C482FD58 C486F |
8 bit SIPO shift register Bluetooth Class 1 Module 8-bit MCU with single voltage Flash memory, data EEPROM, ADC, 5 timers, SPI Hex bus buffer with 3 state outputs (non inverting) Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND I2C INTERFACE 电信提供数据通信 Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces 电信提供数据通信 8-bit MCU with 16 to 60K Flash/ROM, ADC, CSS, 5 timers, SPI, SCI, I2C interface 电信提供数据通信 8-bit MCU with single voltage Flash, data EEPROM, ADC, timers, SPI, LINSCI 电信提供数据通信 60W HI-FI DUAL AUDIO DRIVER 电信提供数据通信 ARM7TDMI" 32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces 电信提供数据通信 Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces 电信提供数据通信 MONOCHIP TELETEXT AND VPS DECODERWITH 8 INTEGRATED PAGES 电信提供数据通信 STHS4257A, STHS4257A1, STHS4257L, STHS4257L1 电信提供数据通信 Low voltage 16-bit constant current LED sink driver with auto power saving 电信提供数据通信 ARM7TDMI-S™ 32-Bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN 电信提供数据通信 Quad bus buffer (3-state) 8-bit MCU, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 8 bit PISO shift register 8-bit microcontroller with 8K Flash/ROM, ADC, 4 timers, SPI, SCI interface 8 channel multiplexer
|
ZETTLER electronics GmbH TE Connectivity, Ltd. SIEMENS AG Yageo, Corp. Glenair, Inc. Silicon Laboratories, Inc. ITT, Corp. Vicor, Corp. C-Media Electronics, Inc. STMicroelectronics N.V. DB Lectro, Inc. Vectron International, Inc. Sumida, Corp.
|
PIC16C54T-HS/SO PIC16C54T-HS/SS PIC16C54T-HSE/SO P |
IC-8-BIT CMOS MCU 集成电路8位CMOS微控制器 IC-SM-8-BIT MCU 集成电路位微控制 EPROM/ROM-Based 8-Bit CMOS Microcontroller Series 存储基于ROM位CMOS微控制器系列 IC-8-BIT MCU 集成电路8位微控制 Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 集成电路8CMOS微控制器 Complementary High Speed Power Drivers 16-SOIC 0 to 70 MB 8C 8#20 SKT RECP MB 15C 14#20 1#16 PIN RECP Constant-Current/Voltage High Efficiency Battery Charger; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS IC-8-BIT CMOS MCU-OTP 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C IC-SM-MCU-8 BIT (TUBED QTY) IC-SM-8-BIT CMOS MCU Constant-Voltage/Constant-Current Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C IC-MCU-8 BIT (TUBED QTY)
|
Micrel Semiconductor, Inc. HIROSE ELECTRIC Co., Ltd. Microchip Technology, Inc. Cypress Semiconductor Corp. 8位微控制 Microchip Technology Inc.
|
ST7PLITE10F1B6 ST7PLITE15F1B6 ST7FLITE15F1B6 ST7FL |
ST7LITE1 - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY,DATA EEPROM, ADC, 4 TIMERS, SPI 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 4 TIMERS, SPI
|
ST Microelectronics
|
ST92250CR1Q6 ST92250CR1QB ST92250CR1QC ST92250CR1T |
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
|
STMICROELECTRONICS[STMicroelectronics]
|
ST7FLITE09Y0M6 ST7FLITE09Y0B6 ST7FLITE09 ST7FLITE0 |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
|
STMicroelectronics
|
ST92F150 |
8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM / E3 TMEMULATED EEPROM / CAN 2.0B AND J1850 BLPD
|
ST Microelectronics
|
|